Part Number Hot Search : 
2N7002L A1155 P6KE68 KMPC880 74AC32 2701B G1500 MN103S
Product Description
Full Text Search
 

To Download AM1DR-1209S-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM1DR-N Series
1 watt dc-dc converters
* * * *
7PIN SIP PACKAGE REGULATED OUTPUT VOLTAGE LOW RIPPLE & NOISE HIGH EFFICIENCY UP TO 79%
* * * *
INPUT/OUTPUT ISOLATION: 1000VDC OPERATING TEMPERATURE: -40C ... +85C PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS UL94-VO PACKAGE
DC-DC CONVERTERS
GENERAL DESCRIPTION
Our AM1DR-N series is a family of cost effective 1W single output isolated DC-DC converters. These converters achieve low cost and ultra-miniature SIP7 pin size without compromising performance and reliability. Twelve models operates from input voltages of 5, 12 & 24VDC; producing regulated output voltage levels of 5, 9, 12, 15VDC. Full SMD-design and a 100% production test of parameters ensures a high reliability in this product.
ELECTRICAL SPECIFICATIONS
Specifications typical at +25C, nominal input voltage, rated output current unless otherwise specified Input Specifications: Voltage range Filter Isolation Specifications: Rated voltage (60 sec) Resistance Capacitance Output Specifications: Voltage accuracy Ripple & noise (at 20MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient 5% Capacitor General Specifications: Efficiency Switching frequency 72% to 79% 100KHz, typ. 100% load
1000VDC > 1000MOhm 60pF, typ.
3%, max. 50 mVp-p, typ. 1 sec. 0.5%, max. 0.5%, max. 0.02%/C, typ.
Environmental Specifications: Operating temperature (ambient) -40C ... +85C Storage temperature -55C ... +125C Case temperature +95C, max. Derating None required Humidity (non-condensing) Up to 90% Cooling Free-air Convection Physical Specifications: Dimensions Weight Case material 19.6x6.0x10.2mm 0.77x0.24x0.4inches 2.7g Plastic UL94-VO
MTBF: > 900,000 hrs (MIL-HDBK-217F, Ground Benign, t=+25C)
Specifications are subject to change without notification
OUTLINE DIMENSIONS & PIN CONNECTIONS
Pin 1 2 4 5 6 7 1000VDC Single +V Input -V Input -V Output Omitted +V Output Omitted
22
TO ORDER CALL 1-888-9-AIMTEC
AM1DR-N Series
MODELS
Models AM1DR-0505S-N AM1DR-0509S-N AM1DR-0512S-N AM1DR-0515S-N AM1DR-1205S-N AM1DR-1209S-N AM1DR-1212S-N AM1DR-1215S-N AM1DR-2405S-N AM1DR-2409S-N AM1DR-2412S-N AM1DR-2415S-N Input Voltage 5V5% Ouput Voltage 5VDC 9VDC 12VDC 15VDC 5VDC 9VDC 12VDC 15VDC 5VDC 9VDC 12VDC 15VDC Ouput Current max. 150mA 111mA 83mA 67mA 150mA 111mA 83mA 67mA 150mA 111mA 83mA 67mA
12V5%
24V5%
TYPICAL CHARACTERISTICS
APPLICATION NOTE
Filtering In some circuits which are sensitive to noise and ripple, a filtering capacitor may be added to the DC/DC output end and input end to reduce the noise and ripple. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees the external capacitor table. To get an extremely low ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, which may produce a more significant filtering effect. It should also be noted that the inductance and the frequency of the "LC" filtering network should be staggered with the DC/DC frequency to avoid mutual interference (see figure 1). Requirement On Output Load To ensure this module can operate efficiently and reliably, a minimum load is specified for this kind of DC/DC converter in addition to a maximum load (namely full load). During operation, make sure the specified range of input voltage is not exceeded, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load.
External Capacitor Table
Vin External Capacitor Vout External Capacitor
5VDC 12VDC 24VDC -
4.7uF 2.2uF 1uF -
5VDC 9VDC 12VDC 15VDC
10uF 4.7uF 2.2uF 1uF
23
VISIT US AT WWW.AIMTEC.CA
DC-DC CONVERTERS


▲Up To Search▲   

 
Price & Availability of AM1DR-1209S-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X